Part Number Hot Search : 
Z8400BC6 HA13128 M5117 D44C1 T2955 ISL88 58006 4049BP
Product Description
Full Text Search
 

To Download CSS-517B7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHINA SEMICONDUCTOR CORPORATION
Spec. No. Rev.
PS-ND-0807 A
PRODUCT SPECIFICATION
Model No CSS-516B7/517B7
Descriptions:
0.52 Inch Single Digit Display Emitting Color Super Bright Orange
CUSTOMER APPROVED SIGNATURES
APPROVED BY
CHECKED BY
PREPARED BY
CHINA SEMICONDUCTOR CORPORATION Address:2FL. NO.909,Chung-Cheng Road, Chung-Ho City Taipei Hsien,Taiwan. Tel:886-2-2223-9696 Fax:886-2-2223-9377
OPTO PLUS TECHNOLOGIES CO.,LTD Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing, ZheJiang,China Tel:86-0575-88623888 Fax:86-0575-88623112
http://www.csctw.com.tw
CHINA SEMICONDUCTOR CORPORATION Model No CSS-516B7/517B7
Spec. No. Rev.
PS-ND-0807 A
Features 1. 0.52 inch (13.2mm) digit height. 2. Case mold type. 3. RoHS compliant. 4. Low power consumption. 5. ESD>1KV(HBM) 6. Easy mounting on P.C. board or socket.
Device Selection Guide Chip Material InGaN InGaN Emitted Color Super Bright Blue
Model No. CSS-516B7 CSS-517B7 Mechanical Dimensions -
Description Common Anode
Super Bright Blue Common Cathode
http://www.csctw.com.tw
Page
1/5
CHINA SEMICONDUCTOR CORPORATION Model No CSS-516B7/517B7
Spec. No. Rev.
PS-ND-0807 A
Internal Circuit Diagrams -
Absolute Maximum Rating (Ta=25 )
Parameter Power Dissipation Per Dice Continuous Forward Current Per Dice Peak Current Per Dice Derating Linear From 25 Dice Reverse Voltage Per Dice Operating Temperature Storage Temperature Per
Symbol Pd IAF IPF VR Topr Tstg
Rating 120 30 100 0.4 5 -35 ~ +85 -35 ~ +85
Unit mW mA mA mA/ V
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
http://www.csctw.com.tw
Page
2/5
CHINA SEMICONDUCTOR CORPORATION Model No CSS-516B7/517B7
Spec. No. Rev.
PS-ND-0807 A
Electro-optical Characteristics (Ta=25 )
Parameter Forward Voltage Per Segment Luminous Intensity Per Segment Peak Emission Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Reverse Current Luminous Intensity Matching Ratio
Symbol VF Iv P
e
Min. 8000 -
Typ. 3.5 20000 468
470
Max. 4 -
Unit V ucd nm
nm
Condition IF=20mA IF=10mA IF=20mA
IF=20mA
JS
20 -
100 2:1
nm A
.
IF=20mA VR=5V IF=10mA
-
IV-m
http://www.csctw.com.tw
Page
3/5
CHINA SEMICONDUCTOR CORPORATION Model No CSS-516B7/517B7
Spec. No. Rev.
PS-ND-0807 A
Typical Electrical / Optical Charateristics Curves (Ta = 25 Unless Otherwise Noted)
http://www.csctw.com.tw
Page
4/5
CHINA SEMICONDUCTOR CORPORATION Model No CSS-516B7/517B7
Spec. No. Rev.
PS-ND-0807 A
Package Dimensions
Note: The specifications are subject to change without notice. Please contact us for updated information. http://www.csctw.com.tw 5/5 Page


▲Up To Search▲   

 
Price & Availability of CSS-517B7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X